Part Number Hot Search : 
TF361S HSM390G B250C37 XR8038 855729 68HC05B MBR1060 C100B
Product Description
Full Text Search
 

To Download 34063A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 34063A DC-TO-DC CONVERTER CONTROL CIRCUITS
The 34063A is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series was specifically designed to be incorporated in Step-Down and Step-Up and Voltage-Inverting applications with a minimum number of external components.
FEATURES FUNCTIONAL BLOCK DIAGRAM * * * * * * * Operation from 3.0 V to 40 V Input Low Standby Current Current Limiting Output Switch Current to 1.5 A Output Voltage Adjustable Frequency Operation to 100 kHz Precision 2% Reference
MAXIMUM RATINGS
Rating Power Supply Voltage Comparator Input Voltage Range Switch Collector Voltage Switch Emitter Voltage (Vpin 1 = 40 V) Switch Collector to Emitter Voltage Driver Collector Voltage Driver Collector Current (Note 1) Switch Current Power Dissipation and Thermal Characteristics Ceramic Package, U Suffix TA = +25C Thermal Resistance Plastic Package, P Suffix TA = +25C Thermal Resistance SOIC Package, D Suffix TA = +25C Thermal Resistance Operating Junction Temperature Operating Ambient Temperature Range Storage Temperature Range Symbol VCC VIR VC(switch) VE(switch) VCE(switch) IC(driver) IC(driver) ISW PD RJA PD RJA PD RJA
TJ
Value 40 -0.3 to +40 40 40 40 40 100 1.5 1.25 100 1.25 100 625 160 +150 0 to +70 -65to+150
Unit Vdc Vdc Vdc Vdc Vdc Vdc mA A W C/W W C/W mW C/W C C C
TA Tstg
ORDERING INFORMATION Device Temperature Range 34063AD 0 to +70C 34063AP1
Package SO-8 Plastic DIP
Pin connection
ELECTRICAL CHARACTERICISTICS
(VCC = 5.0 V, TA= 0 to +70 C unless otherwise specified.) Characteristics Symbol OSCILLATOR Frequency (VPin 5 = 0 V, CT = 1.0 nF, TA = 25C) fosc Charge Current (VCC = 5.0 V to 40 V, TA = 25C) Ichg Discharge Current (VCC = 5.0 V to 40 V, TA = 25C) Idischg Discharge to Charge Current Ratio (Pin7 to Vcc, TA=25C) Idischg/Ichg Current Limit Sense Voltage (Ichg = Idischg, TA = 25C) Vlpk(sense) OUTPUT SWITCH (Note 3) Saturation Voltage, Darlington Connection (ISW = 1.0 A, VCE(sat)
Pins 1, 8 connected)
o
Min 24 24 140 5.2 250 -- -- 50 -- 1.225 1.21 1.2375 --
Typ 33 33 200 6.2 300 1.0 0.45 120 0.01 1.25 -- 1.25 1.4 -40 2.5
Max 42 42 260 7.5 350 1.3 0.7 -- 100 1.275 1.29 1.2625 5.0 -400 4.0
Unit kHz A A -- mV V V -- A V V mV nA mA
VCE(sat) Saturation Voltage (ISW = 1.0 A, RPin 8 = 82 to VCC. Forced = 20) = DC Current Gain (ISW = 1.0 A, VCE 5.0 V, TA = 25C) hFE Collector Off-State Current (VCE = 40V) IC(off) COMPARATOR Threshold Voltage (TA = 25C) Vth
(TA = TLOW to THIGH) Threshold Voltage (TA = 25C) ** Threshold Voltage Line Regulation (VCC = 3.0 V to 40 V) Input Bias Current (Vin=0V)
Vth
V REG line IIB TOTAL DEVICE Supply Current (VCC = 5 0 V to 40 V, CT = 1 0 nF, Vpin7 = ICC
VCC. VPin5 > Vth, Pin 2 = Gnd, Remaining pins open)
NOTES:
1. Maximum package power dissipation limits must be observed. 2. Low duty cycle pulse techniques are used during test to maintain Junction temperature as close to ambient temperature as possible 3. If the output switch is driven into hard saturation (non Darlington configuration) at low switch currents (< 300 mA) and high driver currents (>30 mA), it may take up to 2.0 s to come out of saturation This condition will shorten the off' time at frequencies > 30 kHz, and is magnified at high temperatures This condition does not occur with a Darlington configuration, since the output switch cannot saturate If a non Darlington configuration is used, the following output drive condition is recommended Forced of output switch = IC, output/(Ic, driver -7.0 mA*) > 10 *The 100 . resistor in the emitter of the driver device requires about 7.0 mA before the output switch conducts **Possible version for shipment


▲Up To Search▲   

 
Price & Availability of 34063A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X